Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download 18G324B-80N-50000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz 3.2 x 2.5 x 0.9mm 4 pad smd g324 vcxo ultra-miniature 4 pad smd package frequency range 16.0mhz to 50.0mhz cmos/ttl output supply voltage 1.8, 2.5, 3.3 or 5.0vdc integrated phase jitter 1ps maximum outline & dimensions frequency stability: see table frequency change vs. input voltage: 5ppm max. (v dd 5%) input voltage: +1.8v5%, +2.5v5%, +3.3v5% or 5.0v10% output load ttl: 2ttl gates cmos: 15pf rise/fall time ttl: 6ns max, 4ns typ. (0.4v to 2.4v) cmos: 6ns max, 4ns typ. (20%~80% vdd) duty cycle: 5010% standard, 505% option integrated phase jitter: 1ps maximum (12khz to 20mhz) period jitter rms: 2.0ps typical period jitter peak to peak: 14ps start-up time: 10ms max., 3ms typical current consumption: 10 to 45ma, frequency dependant (27mhz: 10ma typical at 3.3v, 20ma typical at 5.0vdc) linearity: 6% typical, 10% maximum modulation bandwidth: 10khz min., measured at vcont = 1.65v or2.5v. input impedance: 1m typical slope polarity: monotonic and positive, increasing control voltage increases output frequency. ageing: 3ppm per year maximum rohs status: rohs compliant and lead (pb) free supply voltage-dependant specification 625.0khz ~ 50.0mhz input voltage (vdd): vdd = +1.8vdc 5% vdd = +2.5vdc 5% vdd = +3.3vdc 5% vdd = +5.0vdc 10% frequency range*: 16.0mhz ~ 50.0mhz 0.625mhz ~ 50.0mhz 0.625mhz ~ 50.0mhz 1.0mhz ~ 50.0mhz output waveform: ttl/cmos ttl/cmos ttl/cmos ttl/cmos initial frequency accuracy: to tune to nominal fr. with vc=0.90.15v to tune to nominal fr. with vc=1.250.2v to tune to nominal fr. with vc=1.650.2v to tune to nominal fr. with vc=2.50.2v output logic high '1' ttl: - - - - - - - - 2.4v (min.) 2.4v (min.) cmos: 1.62v (min.) 2.25v (min.) 2.97v (min.) 4.5v (min.) output logic low '0' ttl: - - - - - - - - 0.4v (max.) 0.4v (max.) cmos: 0.183v (max.) 0.25v (max.) 0.33 (max.) 0.5v (max.) frequency deviation range: standard: 80ppm (min.) standard: 80ppm (min.) standard: 80ppm (min.) std: 80ppm (min.) 200ppm available control voltage centre 0.9vdc 1.25vdc 1.62vdc 2.5vdc control voltage range: 0v to 1.8v 025v to 2.25v 0.3v to 3.0v 0.5v to 1.5v general specification page 1 of 2 description & applications g324 vcxos are packaged in an ultra-miniature 3.2 x 2.5 x 0.9mm 4 pad smd package. g series vcxos use fundamental mode crystal oscillators for low phase noise. applications include phase lock loop, sonet/atm, set-top boxes, mpeg , audio/video modulation, video game consoles, fibre channel, fpgas, data acquisition and hdtv.
euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz 3.2 x 2.5 x 0.9mm 4 pad smd g324 vcxo 0.625mhz ~ 50.0mhz page 2 of 2 part numbering procedure supply voltage 18 = +1.8v 25 = +2.5v 3 = +3.3v 5 = +5.0v part type code g324 stability over temperature range a, b, c, d, e or f (see table above) pulling range ppm pull range determinator m = maximum n = minimum t = typical (tolerance is 20%) centre frequency in mhz example = 18g324b-80n-27.000 frequency stability over operating temperature range part number codes stability 25ppm 50ppm 100ppm commercial 'c' -10 to +70c a b c industrial 'i' -40 to +85c d e f 18 g324 b - 80 n - 27.000 phase noise 27.0mhz 3.3v supply offset: 10hz 100hz 1khz 10khz 100khz 1mhz -40dbc/hz -104dbc/hz -132dbc/hz -147dbc/hz -152dbc/hz -150dbc/hz


▲Up To Search▲   

 
Price & Availability of 18G324B-80N-50000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X